PART |
Description |
Maker |
R1LP0408C R1LP0408CSB-5SI R1LP0408CSB-7LI R1LP0408 |
Wide Temperature Range Version 4 M SRAM (512-kword ??8-bit) R1LP0408C-I Series Datasheet 78K/AUG.01.03 Standard Thick Film Chip Resistor: 10 ohms through 10 megohms, 5 %, 200 ppm, .100 W Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword × 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 8-bit) Wide Temperature Range Version 4 M SRAM (512-kword 】 8-bit) Memory>Low Power SRAM
|
Hitachi,Ltd. HITACHI[Hitachi Semiconductor] Renesas
|
LT6105 LTC2970 LTC2974 LTC2978 LTC4222 LTC2450 LTC |
Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
|
Linear Technology
|
AM26LS32DCB AM26LS32JCTR AM26LS32/BEA AM26LS33/B2C |
Micropower Precision Shunt Voltage Reference; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Wide Input Range, High Efficiency, Step-Down Switching Regulator; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Low Noise, Rail-to-Rail Precision Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C 1.1MHz, 0.4V/us Over-The-Top Micropower, Rail-To-Rail Input and Output Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C Positive High Voltage Hot Swap Controllers; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Line Receiver 线路接收
|
接收 Advanced Micro Devices, Inc.
|
TSC3824 TSC3827 TSC3828 TSC3829 TSC1220 TSC1222 TS |
Input voltage range:80-160V output voltage 220V (0.8A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 48V (15A) DC/DC converter Input voltage range:160-320V output voltage 220V (10A) DC/DC converter Input voltage range:160-320V output voltage 110V (4A) DC/DC converter Input voltage range:80-160V output voltage 220V (1A) DC/DC converter Input voltage range:36-75V output voltage 5V (30A) DC/DC converter Input voltage range:36-75V output voltage 12V (15A) DC/DC converter Input voltage range:36-75V output voltage 220V (0.8A) DC/DC converter Input voltage range:36-75V output voltage 110V (1.5A) DC/DC converter Input voltage range:36-75V output voltage 24V (7.5A) DC/DC converter Input voltage range:36-75V output voltage 48V (3.6A) DC/DC converter Input voltage range:160-320V output voltage 24V (100A) DC/DC converter Input voltage range:160-320V output voltage 48V (45A) DC/DC converter Input voltage range:93-138V/185-264V, 50/60Hz, output voltage 220V (10A) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
AM21L41-15DCB AM21L41-15PCB AM21L41-20DCB AM21L41- |
250µA, 3MHz, 200V/µsOperational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C x1 SRAM Dual and Quad 250uA, 3MHz, 200V/us Operational Amplifier; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C 12MHz, 400V/us Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C 25MHz, 600V/us Op Amp; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C High Power Synchronous DC/DC Controller; Package: SO; No of Pins: 20; Temperature Range: -40°C to 85°C x1的SRAM
|
RECOM Electronic GmbH
|
TVL05-1220 TVL05-1225 TVL05-1516 TVL05-1520 TYL05- |
DC/DC Converter Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes SERVSWITCH USER CABLE FOR PS2 STYLE 50 FT Input voltage range:4.75-6V, output voltage /-12V ( /-200mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-12V ( /-250/125mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-165mA) DC/DC converter Input voltage range:4.75-6V, output voltage /-15V ( /-200/100mA) DC/DC converter
|
TRACOPOWER[TRACO Electronic AG] TRACO ELECTRONIC AG.
|
ISL28006FH100Z-T7A ISL28006FHADJZ-T7A |
Micropower, Rail to Rail Input Current Sense Amplifier with Voltage Output; Temperature Range: Full-Range Industrial; Package: 5 Ld SOT-23 T R OP-AMP, 2800 uV OFFSET-MAX, PDSO5
|
Intersil, Corp. Intersil Corporation
|
AM27H010 AM27H010-45DEB AM27H010-45DIB AM27H010-45 |
x8 EPROM x8存储 Low Loss PowerPath Controller in ThinSOT; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C Differential Driver and Receiver Pair; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C Negative Voltage Diode-OR Controller and Monitor; Package: DFN; No of Pins: 8; Temperature Range: 0°C to 70°C 36V, Low Loss PowerPath Controller for Large PFETs; Package: MSOP; No of Pins: 8; Temperature Range: -40°C to 85°C 1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
|
Advanced Micro Devices, Inc. AMD[Advanced Micro Devices]
|
EFLH20 EFFH16 EFTH16 EFTH20 EFLH16 |
Center Tap Real Time Clock/Calendar with I2C Bus and EEPROM; Temperature Range: -40°C to 85°C; Package: 8-TSSOP Real Time Clock/Calendar with I2C Bus and EEPROM; Temperature Range: -40°C to 85°C; Package: 8-SOIC 1µA, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown; Temperature Range: -40°C to 85°C; Package: 20-SSOP 8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver; Temperature Range: -40°C to 85°C; Package: 28-CerDIP
|
Microsemi
|
LTC1871IMS-7PBF |
Wide Input Range, No RSENSE Current Mode Boost, Flyback and SEPIC Controller; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C
|
LINEAR TECHNOLOGY CORP
|
EGP08A EGP08B |
Dual Digitally Controlled Potentiometers (XDCP); Low Noise, Low Power, I2C® Bus, 128 Taps, Wiper Only; Temperature Range: Full-Range Ind Ultrafast Recovery Rectifiers 超快恢复二极
|
AME, Inc.
|